Part Number Hot Search : 
MV5087 GP07N120 IRKU105 LTC554X MD7007 C1212 70NM60 IDT2305A
Product Description
Full Text Search
 

To Download ADP1110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V ADP1110
FUNCTIONAL BLOCK DIAGRAMS
SET
FEATURES Operates at Supply Voltages From 1.0 V to 30 V Step-Up or Step-Down Mode Minimal External Components Required Low-Battery Detector User-Adjustable Current Limiting Fixed or Adjustable Output Voltage Versions 8-Pin DIP or SO-8 Package APPLICATIONS Cellular Telephones Single-Cell to 5 V Converters Laptop and Palmtop Computers Pagers Cameras Battery Backup Supplies Portable Instruments Laser Diode Drivers Hand-Held Inventory Computers
ADP1110
A2 VIN GAIN BLOCK/ ERROR AMP ILIM SW1 220mV REFERENCE A0
A1
OSCILLATOR DRIVER
Q1
COMPARATOR R1 R2 300k
GND
SENSE
SW2
ADP1110 Block Diagram--Fixed Output Version
SET
ADP1110
A2 VIN GAIN BLOCK/ ERROR AMP A0 ILIM SW1 220mV REFERENCE OSCILLATOR DRIVER
GENERAL DESCRIPTION
The ADP1110 is part of a family of step-up/step-down switching regulators that operate from an input voltage supply as little as 1.0 V. This very low input voltage allows the ADP1110 to be used in applications that use a single cell as the primary power source. The ADP1110 can be configured to operate in either step-up or step-down mode, but for input voltages greater than 3 V, the ADP1111 would be a more effective solution. An auxiliary gain amplifier can serve as a low battery detector or as a linear regulator. The quiescent current of 300 A makes the ADP1110 useful in remote or battery powered applications.
A1
Q1
COMPARATOR
GND
FB
SW2
ADP1110 Block Diagram--Adjustable Output Version The 70 kHz frequency operation also allows for the use of surface-mount external capacitors and inductors.
Battery protection circuitry limits the effect of reverse current to safe levels at reverse voltages up to 1.6 V.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1996
ADP1110-SPECIFICATIONS (0 C to +70 C, V = 1.5 V unless otherwise noted)
IN
Parameter QUIESCENT CURRENT INPUT VOLTAGE COMPARATOR TRIP POINT VOLTAGE OUTPUT SENSE VOLTAGE
Conditions Switch Off Step-Up Mode Step-Down Mode ADP11101 ADP1110-3.3 ADP1110-52 ADP1110-122 ADP1110 ADP1110-3.3 ADP1110-5 ADP1110-12
2
VS IQ VIN
Min
Typ 300
Max
Units A
1.15 210 220 3.30 5.00 12.00 4 66 90 200
12.6 30 230 3.47 5.25 12.6 8 130 180 400 90 78 12.5 240 500 0.4
V V mV V V V mV mV mV mV kHz % s nA nA V %/V %/V mV mV mV mV mV V/V mA %/C
VOUT
3.13 4.75 11.4
COMPARATOR HYSTERESIS OUTPUT HYSTERESIS
OSCILLATOR FREQUENCY DUTY CYCLE SWITCH ON TIME FEEDBACK PIN BIAS CURRENT SET PIN BIAS CURRENT A0 OUTPUT LOW REFERENCE LINE REGULATION SWITCH SATURATION VOLTAGE STEP-UP MODE ADP1110 VFB = 0 V VSET = VREF IAO = 300 A VSET = 150 mV 1.0 V VIN 1.5 V 1.5 V VIN 12 V VIN = 1.5 V, ISW = 400 mA, +25C TMIN to TMAX VIN = 1.5 V, ISW = 500 mA, +25C TMIN to TMAX VIN = 5 V, ISW = 1 A, +25C RL = 100 k3 TA = +25C
4
fOSC Full Load (VFB < VREF) DC tON IFB ISET VAO
52 62 7.5
70 69 10 150 300 0.15 0.35 0.05
0.1 500 600 650 750 1000
VCESAT
300 400 700
A2 ERROR AMP GAIN REVERSE BATTERY CURRENT CURRENT LIMIT TEMPERATURE COEFFICIENT SWITCH OFF LEAKAGE CURRENT MAXIMUM EXCURSION BELOW GND
AV IREV
1000
5000 750 -0.3
VIN, TA = +25C Measured at SW1 Pin, TA = +25C ISW1 10 A, Switch Off TA = +25C ILEAK VSW2
1 -400
10 -350
A mV
NOTES 1 This specification guarantees that both the high and low trip point of the comparator fall within the 210 mV to 230 mV range. 2 This specification guarantees that the output voltage of the fixed versions will always fall within the specified range. The waveform at the sense pin will exhibit a sawtooth shape due to the comparator hysteresis. 3 100 k resistor connected between a 5 V source and the AO pin. 4 The ADP1110 is guaranteed to withstand continuous application of +1.6 V applied to the GND and SW2 pins while V IN, ILIM, and SW1 pins are grounded. 5 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control methods. Specifications subject to change without notice.
-2-
REV. 0
ADP1110
ABSOLUTE MAXIMUM RATINGS PIN CONFIGURATIONS 8-Lead Plastic DIP (N-8)
ILIM 1 VIN 2 8 FB (SENSE)*
Input Supply Voltage, Step-Up Mode . . . . . . . . . . . . . . . 15 V Input Supply Voltage, Step-Down Mode . . . . . . . . . . . . . 36 V SW1 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V SW2 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to VIN Feedback Pin Voltage (ADP1110) . . . . . . . . . . . . . . . . . . 5.5 V Switch Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A Maximum Power Dissipation . . . . . . . . . . . . . . . . . . 500 mW Operating Temperature Range . . . . . . . . . . . . . 0C to +70C Storage Temperature Range . . . . . . . . . . . . . -65C to 150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300C
TYPICAL APPLICATION
47H 5V
8-Lead SOIC (SO-8)
ILIM VIN
1 2
8 FB (SENSE)*
ADP1110
7 SET A0
ADP1110
TOP VIEW (Not to Scale)
7 SET 6 A0 5 GND
TOP VIEW SW1 3 (Not to Scale) 6 SW2 4 TJMAX = 90o, JA =
SW1 3 SW2 4
5 GND 130oC/W
TJMAX = 90o, JA = 150oC/W *FIXED VERSIONS
*FIXED VERSIONS
PIN DESCRIPTION
1 ILIM 1.5V AA CELL* 2 VIN
Mnemonic ILIM
Function For normal conditions this pin is connected to VIN. When lower current is required, a resistor should be connected between ILIM and VIN. Limiting the switch current to 400 mA is achieved by connecting a 220 resistor. Input Voltage. Collector Node of Power Transistor. For stepdown configuration, connect to VIN. For stepup configuration, connect to an inductor/diode. Emitter Node of Power Transistor. For stepdown configuration, connect to inductor/diode. For step-up configuration, connect to ground. Do not allow this pin to go more than a diode drop below ground. Ground. Auxiliary Gain (GB) Output. The open collector can sink 300 A. It can be left open if unused. Gain Amplifier Input. The amplifier has positive input connected to SET pin and negative input connected to 220 mV reference. It can be left open if unused. On the ADP1110 (adjustable) version this pin is connected to the comparator input. On the ADP1110-3.3, ADP1110-5 and ADP1110-12, the pin goes directly to the internal application resistor that set output voltage.
SW1 3
ADP1110-5
SENSE 8 GND 5 SW2 4 15F TANTALUM
OPERATES WITH CELL VOLTAGE 1.0V *ADD 10F DECOUPLING CAPACITOR IF BATTERY IS *MORE THAN 2' AWAY FROM ADP1110.
VIN SW1
Figure 1. 1.5 V to 5 V Converter
SW2
ORDERING GUIDE
Model ADP1110AN ADP1110AR ADP1110AN-3.3 ADP1110AR-3.3 ADP1110AN-5 ADP1110AR-5 ADP1110AN-12 ADP1110AR-12
Output Voltage ADJ ADJ 3.3 V 3.3 V 5V 5V 12 V 12 V
Package N-8 SO-8 N-8 SO-8 N-8 SO-8 N-8 SO-8 GND AO SET
FB/SENSE
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP1110 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
ADP1110-Typical Characteristics
76
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0.1 VIN = +1.2V VIN = +3V VIN = +1V VIN = +5V VIN = +1.5V VIN = +2V
74
OSCILLATOR FREQUENCY - kHz
SATURATION VOLTAGE - V
72 OSCILLATOR FREQUENCY 70 68 66 64 62
0.2
0.4
0.5 0.6 0.8 1 ISWITCH CURRENT - A
1.2
1.25
1.4
60 2 4 6 8 10 12 15 18 INPUT VOLTAGE - V 21 24 27 30
Figure 2. Saturation Voltage vs. ISWITCH Current in Step-Up Mode
Figure 5. Oscillator Frequency vs. Input Voltage
2 1.8 1.6 1.4
ON VOLTAGE - V
1.9 1.7 1.5 SWITCH CURRENT - A
VIN = +12V
1.3 1.1 0.9 0.7 0.5 0.3 0.1 1
1.2 1 0.8 0.6 0.4 0.2 0 0.1 0.2 0.6 ISWITCH CURRENT - A 0.4 0.8 0.9
STEP-DOWN WITH V = +12V
10 RLIM -
100
1000
Figure 3. Switch ON Voltage vs. ISWITCH Current In StepDown Mode
Figure 6. Maximum Switch Current vs. RLIM
1800 1600 QUIESCENT CURRENT - A 1400 1200 QUIESCENT CURRENT 1000 800 600 400 200 0 1 3 6 9 12 15 18 21 24 27 30 INPUT VOLTAGE - V
SWITCH CURRENT - A
1.5 1.3 1.1 0.9 0.7 STEP-UP MODE WITH V +5V
0.5 0.3 0.1 1 10 RLIM - 100 1000
Figure 4. Quiescent Current vs. Input Voltage
Figure 7. Maximum Switch Current vs. RLIM
-4-
REV. 0
ADP1110
78 76
OSCILLATOR FREQUENCY - kHz
0.54 0.53 0.52
74
OSCILLATOR FREQUENCY 70 68
VCE(SAT) - V
72
0.51 VIN = +1.5 @ ISWITCH = +0.5A 0.5 0.49
66 64
0.48 0.47 0 25 TEMPERATURE - C 70
0
25 TEMPERATURE - C
70
Figure 8. Oscillator Frequency vs. Temperature
Figure 11. Switch ON Voltage Step-Down vs. Temperature
9.0 8.9 8.8
ON TIME - s
350 300 QUIESCENT CURRENT 250
8.7 8.6 SWITCH ON TIME 8.5 8.4 8.3 8.2
QUIESCENT CURRENT - A
200 150 100
50 0 0 25 TEMPERATURE - C 70
0
25 TEMPERATURE - C
70
Figure 9. Switch ON Time vs. Temperature
Figure 12. Quiescent Current vs. Temperature
66 65 64
160 155 150 BIAS CURRENT - nA 145 140 BIAS CURRENT 135 130
DUTY CYCLE - %
63 DUTY CYCLE 62 61
60 59
125 120 0 25 TEMPERATURE - C 70
0
25 TEMPERATURE - C
70
Figure 10. Duty Cycle vs. Temperature
Figure 13. FB Pin Bias Current vs. Temperature
REV. 0
-5-
ADP1110
400 350 BIAS CURRENT 300 BIAS CURRENT - nA 250 VREF - mV
220 219 218 217 REFERENCE VOLTAGE 216 215 214
200 150 100 50 0 0 25 TEMPERATURE - C 70
213 212 211 0 25 TEMPERATURE - C 70
Figure 14. Set Pin Bias Current vs. Temperature
THEORY OF OPERATION
Figure 15. Reference Voltage vs. Temperature
The ADP1110 is a flexible, low-power, switch-mode power supply (SMPS) controller. The regulated output voltage can be greater than the input voltage (boost or step-up mode) or less than the input (buck or step-down mode). This device uses a gated-oscillator technique to provide very high performance with low quiescent current. A functional block diagram of the ADP1110 is shown on the first page. The internal 220 mV reference is connected to one input of the comparator, while the other input is externally connected (via the FB pin) to a feedback network connected to the regulated output. When the voltage at the FB pin falls below 220 mV, the 70 kHz oscillator turns on. A driver amplifier provides base drive to the internal power switch, and the switching action raises the output voltage. When the voltage at the FB pin exceeds 220 mV, the oscillator is shut off. While the oscillator is off, the ADP1110 quiescent current is only 300 A. The comparator includes a small amount of hysteresis, which ensures loop stability without requiring external components for frequency compensation. The maximum current in the internal power switch can be set by connecting a resistor between VIN and the ILIM pin. When the maximum current is exceeded, the switch is turned OFF. The current limit circuitry has a time delay of about 800 ns. If an external resistor is not used, connect ILIM to VIN. Further information on ILIM is included in the "Applications" section of this data sheet. The ADP1110 internal oscillator provides 10 s ON and 5 s OFF times, which is ideal for applications where the ratio between VIN and VOUT is roughly a factor of three (such as generating +5 V from a single 1.5 V cell). Wider range conversions, as well as step-down converters, can also be accomplished with a slight loss in the maximum output power that can be obtained. An uncommitted gain block on the ADP1110 can be connected as a low-battery detector. The inverting input of the gain block is internally connected to the 220 mV reference. The noninverting input is available at the SET pin. A resistor divider, connected between VIN and GND with the junction connected to the SET pin, causes the AO output to go LOW when the low battery set point is exceeded. The AO output is an open collector NPN transistor that can sink 300 A. The ADP1110 provides external connections for both the collector and emitter of its internal power switch, which permits -6-
both step-up and step-down modes of operation. For the stepup mode, the emitter (Pin SW2) is connected to GND and the collector (Pin SW1) drives the inductor. For step-down mode, the emitter drives the inductor while the collector is connected to VIN. The output voltage of the ADP1110 is set with two external resistors. Three fixed-voltage models are also available: ADP1110-3.3 (+3.3 V), ADP1110-5 (+5 V) and ADP1110-12 (+12 V). The fixed-voltage models are identical to the ADP1110 except that laser-trimmed voltage-setting resistors are included on the chip. Only three external components are required to form a +3.3 V, +5 V or +12 V converter. On the fixed-voltage models of the ADP1110, simply connect the SENSE pin (Pin 8) directly to the output voltage.
COMPONENT SELECTION General Notes on Inductor Selection
When the ADP1110 internal power switch turns on, current begins to flow in the inductor. Energy is stored in the inductor core while the switch is on, and this stored energy is then transferred to the load when the switch turns off. Because both the collector and the emitter of the switch transistor are accessible on the ADP1110, the output voltage can be higher, lower, or of opposite polarity than the input voltage. To specify an inductor for the ADP1110, the proper values of inductance, saturation current, and DC resistance must be determined. This process is not difficult, and specific equations for each circuit configuration are provided in this data sheet. In general terms, however, the inductance value must be low enough to store the required amount of energy (when both input voltage and switch ON time are at a minimum) but high enough that the inductor will not saturate when both VIN and switch ON time are at their maximum values. The inductor must also store enough energy to supply the load without saturating. Finally, the dc resistance of the inductor should be low so that excessive power will not be wasted by heating the windings. For most ADP1110 applications, an inductor of 15 H to 100 H with a saturation current rating of 300 mA to 1A and dc resistance <0.4 is suitable. Ferrite-core inductors that meet these specifications are available in small, surfacemount packages. To minimize Electro-Magnetic Interference (EMI), a toroid or pot-core type inductor is recommended. Rod-core inductors are a lower-cost alternative if EMI is not a problem. REV. 0
ADP1110
CALCULATING THE INDUCTOR VALUE
Selecting the proper inductor value is a simple three-step process: 1. Define the operating parameters: minimum input voltage, maximum input voltage, output voltage and output current. 2. Select the appropriate conversion topology (step-up, stepdown, or inverting). 3. Calculate the inductor value, using the equations in the following sections.
INDUCTOR SELECTION-STEP-UP CONVERTER
Assuming a peak current of 1 A as a starting point, (Equation 4) can be rearranged to recommend an inductor value:
L= V IN 4.5V t= 10 s = 45 H I L(MAX ) 1A
Substituting a standard inductor value of 47 H with 0.2 dc resistance will produce a peak switch current of:
I PEAK =
-1.0 *10 s 4.5V 47 H 1- e = 862 mA 1.0
In a step-up or boost converter (Figure 19), the inductor must store enough power to make up the difference between the input voltage and the output voltage. The power that must be stored is calculated from the equation:
P L = V OUT +V D -V IN (MIN ) * ( IOUT )
Once the peak current is known, the inductor energy can be calculated from Equation 5:
EL = 1 (47 H ) * (862 mA)2 =17.5 J 2
(
)
(Equation 1)
where VD is the diode forward voltage ( 0.5 V for a 1N5818 Schottky). Because energy is only stored in the inductor while the ADP1110 switch is ON, the energy stored in the inductor on each switching cycle must be must be equal to or greater than: PL (Equation 2) f OSC in order for the ADP1110 to regulate the output voltage. When the internal power switch turns ON, current flow in the inductor increases at the rate of:
I L (t) =
-R't V IN 1- e L R'
Since the inductor energy of 17.5 J is greater than the PL/fOSC requirement of 13.7 J, the 47 H inductor will work in this application. By substituting other inductor values into the same equations, the optimum inductor value can be determined. When selecting an inductor, the peak current must not exceed the maximum switch current of 1.5 A. The peak current must be evaluated for both minimum and maximum values of input voltage. If the switch current is high when VIN is at its minimum, the 1.5 A limit may be exceeded at the maximum value of VIN. In this case, the ADP1110's current limit feature can be used to limit switch current. Simply select a resistor (using Figure 7) that will limit the maximum switch current to the IPEAK value calculated for the minimum value of VIN. This will improve efficiency by producing a constant IPEAK as VIN increases. See the "Limiting the Switch Current" section of this data sheet for more information. Note that the switch current limit feature does not protect the circuit if the output is shorted to ground. In this case, current is only limited by the dc resistance of the inductor and the forward voltage of the diode.
INDUCTOR SELECTION-STEP-DOWN CONVERTER
(Equation 3)
where L is in Henrys and R' is the sum of the switch equivalent resistance (typically 0.8 at +25C) and the dc resistance of the inductor. If the voltage drop across the switch is small compared to VIN, a simpler equation can be used:
I L (t) = V IN t L
(Equation 4)
The step-down mode of operation is shown in Figure 20. Unlike the step-up mode, the ADP1110's power switch does not saturate when operating in the step-down mode; therefore, switch current should be limited to 800 mA in this mode. If the input voltage will vary over a wide range, the ILIM pin can be used to limit the maximum switch current. Higher switch current is possible by adding an external switching transistor as shown in Figure 22. The first step in selecting the step-down inductor is to calculate the peak switch current as follows:
IPEAK = 2 IOUT V OUT +VD DC V IN -V SW +V D
Replacing `t' in the above equation with the ON time of the ADP1110 (10 s, typical) will define the peak current for a given inductor value and input voltage. At this point, the inductor energy can be calculated as follows:
1 E L = L * I 2 PEAK 2
(Equation 5)
As previously mentioned, EL must be greater than PL/fOSC so that the ADP1110 can deliver the necessary power to the load. For best efficiency, peak current should be limited to 1 A or less. Higher switch currents will reduce efficiency because of increased saturation voltage in the switch. High peak current also increases output ripple. As a general rule, keep peak current as low as possible to minimize losses in the switch, inductor and diode. In practice, the inductor value is easily selected using the equations above. For example, consider a supply that will generate 12 V at 120 mA from a 4.5 V to 8 V source. The inductor power required is from Equation 1:
P L = (12 V + 0.5 V - 4.5 V ) *120 mA = 960 mW
(Equation 6)
where: DC = duty cycle (0.69 for the ADP1110) VSW = voltage drop across the switch VD = diode drop (0.5 V for a 1N5818) IOUT = output current VOUT = the output voltage VIN = the minimum input voltage
On each switching cycle, the inductor must supply:
PL f OSC 960 mW = =13.7 J 70 kHz
REV. 0
-7-
ADP1110
As previously mentioned, the switch voltage is higher in stepdown mode than in step-up mode. VSW is a function of switch current and is therefore a function of VIN, L, time and VOUT. For most applications, a VSW value of 1.5 V is recommended. The inductor value can now be calculated:
-V SW -V OUT V L = IN(MIN ) * tON I PEAK
For example, assume that a -5 V output at 75 mA is to be generated from a +4.5 V to +5.5 V source. The power in the inductor is calculated from Equation 8:
P L = (|- 5V|+ 0.5V ) * (75 mA) = 413 mW
(Equation 7)
During each switching cycle, the inductor must supply the following energy:
PL 413 mW = = 5.9 J f OSC 70 kHz
where: tON = Switch ON time (10 s) If the input voltage will vary (such as an application that must operate from a 9 V, 12 V or 15 V source), an RLIM resistor should be selected from Figure 6. The RLIM resistor will keep switch current constant as the input voltage rises. Note that there are separate RLIM values for step-up and step-down modes of operation. For example, assume that +5 V at 250 mA is required from a +9 V to +18 V source. Deriving the peak current from Equation 6 yields:
I PEAK = 2*250 mA 5+ 0.5 = 498 mA 0.69 9 -1.5+ 0.5
Using a standard inductor value of 56 H with 0.2 dc resistance will produce a peak switch current of:
I PEAK = 4.5V - 0.75V 0.65 + 0.2
-0.85 *10 s 56 H 1- e = 621 mA
Once the peak current is known, the inductor energy can be calculated from Equation 9:
EL = 1 (56 H ) * (621 mA)2 =10.8 J 2
Since the inductor energy of 10.8 J is greater than the PL/fOSC requirement of 5.9 J, the 56 H inductor will work in this application. The input voltage only varies between 4.5 V and 5.5 V in this example. Therefore, the peak current will not change enough to require an RLIM resistor and the ILIM pin can be connected directly to VIN. Care should be taken, of course, to ensure that the peak current does not exceed 800 mA.
CAPACITOR SELECTION
Then, the peak current can be inserted into Equation 7 to calculate the inductor value:
L= 9 -1.5 - 5 *10 s = 50 s 498 mA
Since 50 H is not a standard value, the next lower standard value of 47 H would be specified. To avoid exceeding the maximum switch current when the input voltage is at +18 V, an RLIM resistor should be specified. Using the step-down curve of Figure 6, a value of 560 will limit the switch current to 500 mA.
INDUCTOR SELECTION--POSITIVE-TO-NEGATIVE CONVERTER
For optimum performance, the ADP1110's output capacitor must be selected carefully. Choosing an inappropriate capacitor can result in low efficiency and/or high output ripple. Ordinary aluminum electrolytic capacitors are inexpensive but often have poor Equivalent Series Resistance (ESR) and Equivalent Series Inductance (ESL). Low ESR aluminum capacitors, specifically designed for switch mode converter applications, are also available, and these are a better choice than general purpose devices. Even better performance can be achieved with tantalum capacitors, although their cost is higher. Very low values of ESR can be achieved by using OS-CON capacitors (Sanyo Corporation, San Diego, CA). These devices are fairly small, available with tape-and-reel packaging and have very low ESR. The effects of capacitor selection on output ripple are demonstrated in Figures 16, 17 and 18. These figures show the output of the same ADP1110 converter, that was evaluated with three different output capacitors. In each case, the peak switch current is 500 mA, and the capacitor value is 100 F. Figure 16 shows a Panasonic HF-series 16-volt radial cap. When the switch turns off, the output voltage jumps by about 90 mV and then decays as the inductor discharges into the capacitor. The rise in voltage indicates an ESR of about 0.18 . In Figure 17, the aluminum electrolytic has been replaced by a Sprague 293D series, a 6 V tantalum device. In this case the output jumps
The configuration for a positive-to-negative converter using the ADP1110 is shown in Figure 23. As with the step-up converter, all of the output power for the inverting circuit must be supplied by the inductor. The required inductor power is derived from the formula:
PL =
(V
OUT
+ V D * I OUT
)(
)
(Equation 8)
The ADP1110 power switch does not saturate in positive-tonegative mode. The voltage drop across the switch can be modeled as a 0.75 V base-emitter diode in series with a 0.65 resistor. When the switch turns on, inductor current will rise at a rate determined by:
I L (t) =
-R't VL 1- e L R'
(Equation 9)
where: R' = 0.65 + RL(DC) VL = VIN - 0.75 V
-8-
REV. 0
ADP1110
about 30 mV, which indicates an ESR of 0.06 . Figure 18 shows an OS-CON 16-volt capacitor in the same circuit, and ESR is only 0.02 .
50mV
100 90
important in low-current applications, where the leakage can be a significant percentage of the total quiescent current. For most circuits, the 1N5818 is a suitable companion to the ADP1110. This diode has a VF of 0.5 V at 1 A, 4 A to 10 A leakage, and fast turn-on and turn-off times. A surface mount version, the MBRS130LT3, is also available. For switch currents of 100 mA or less, a Shottky diode such as the BAT85 provides a VF of 0.8 V at 100 mA and leakage less than 1 A. A similar device, the BAT54, is available in a SOT23 package. Even lower leakage, in the 1 nA to 5 nA range, can be obtained with a 1N4148 signal diode.
10 0%
1s
Figure 16. Aluminum Electrolytic
50mV
100 90
General purpose rectifiers, such as the 1N4001, are not suitable for ADP1110 circuits. These devices, which have turn-on times of 10 s or more, are too slow for switching power supply applications. Using such a diode "just to get started" will result in wasted time and effort. Even if an ADP1110 circuit appears to function with a 1N4001, the resulting performance will not be indicative of the circuit performance when the correct diode is used.
CIRCUIT OPERATION, STEP-UP (BOOST) MODE
10 0%
1s
In boost mode, the ADP1110 produces an output voltage that is higher than the input voltage. For example, +5 V can be derived from one alkaline cell (+1.5 V), or +12 V can be generated from a +5 V logic power supply. Figure 19 shows an ADP1110 configured for step-up operation. The collector of the internal power switch is connected to the output side of the inductor, while the emitter is connected to GND. When the switch turns on, pin SW1 is pulled near ground. This action forces a voltage across L1 equal to VIN - VCE(SAT), and current begins to flow through L1. This current reaches a final value (ignoring second-order effects) of:
I PEAK V IN -V CE(SAT ) *10 s L
Figure 17. Tantalum Electrolytic
50mV
100 90
10 0%
where 10 s is the ADP1110 switch's "on" time.
L1
1s
D1 VOUT
VIN R3* 1 2 VIN SW1 FB GND 5 SW2 4 R2 R1 3 8 C1
Figure 18. OS-CON Capacitor
ILIM
If low output ripple is important, the user should consider the ADP3000. Because this device switches at 400 kHz, lower peak current can be used. Also, the higher switching frequency simplifies the design of the output filter. Consult the ADP3000 data sheet for additional details.
DIODE SELECTION
ADP1110
*OPTIONAL
In specifying a diode, consideration must be given to speed, forward voltage drop and reverse leakage current. When the ADP1110 switch turns off, the diode must turn on rapidly if high efficiency is to be maintained. Shottky rectifiers, as well as fast signal diodes such as the 1N4148, are appropriate. The forward voltage of the diode represents power that is not delivered to the load, so VF must also be minimized. Again, Schottky diodes are recommended. Leakage current is especially
Figure 19. Step-Up Mode Operation
When the switch turns off, the magnetic field collapses. The polarity across the inductor changes, current begins to flow through D1 into the load, and the output voltage is driven above the input voltage. The output voltage is fed back to the ADP1110 via resistors R1 and R2. When the voltage at pin FB falls below 220 mV, SW1
REV. 0
-9-
ADP1110
turns "on" again, and the cycle repeats. The output voltage is therefore set by the formula:
R1 V OUT = 220 mV * 1+ R2
base junction when the switch is off. To protect the switch, the output voltage should be limited to 6.2 V or less. If a higher output voltage is required, a Schottky diode should be placed in series with SW2, as shown in Figure 21.
INPUT CINPUT RLIM 1 ILIM 2 3 L1 OUTPUT R1 FB 8 D1 1N5818 R2 CL
The circuit of Figure 19 shows a direct current path from VIN to VOUT, via the inductor and D1. Therefore, the boost converter is not protected if the output is short circuited to ground.
CIRCUIT OPERATION, STEP-DOWN (BUCK) MODE
VIN SW1 SW2 4
ADP1110
AO 6 NC SET GND 7 5
The ADP1110's step-down mode is used to produce an output voltage that is lower than the input voltage. For example, the output of four NiCd cells (+4.8 V) can be converted to a +3 V logic supply. A typical configuration for step-down operation of the ADP1110 is shown in Figure 20. In this case, the collector of the internal power switch is connected to VIN and the emitter drives the inductor. When the switch turns on, SW2 is pulled up towards VIN. This forces a voltage across L1 equal to VIN - VCE - VOUT and causes current to flow in L1. This current reaches a final value of:
IPEAK V IN -V CE -V OUT *10 s L
NC
Figure 21. Step-Down Mode, VOUT > 6.2 V
If the input voltage to the ADP1110 varies over a wide range, a current limiting resistor at Pin 1 may be required. If a particular circuit requires high peak inductor current with minimum input supply voltage, the peak current may exceed the switch maximum rating and/or saturate the inductor when the supply voltage is at the maximum value. See the "Limiting the Switch Current" section of this data sheet for specific recommendations.
INCREASING OUTPUT CURRENT IN THE STEP-DOWN REGULATOR
where 10 s is the ADP1110 switch's "on" time.
VIN C2 RLIM 100 1 ILIM 2 3 VIN SW1
FB 8 L1 VOUT D1 1N5818 C1 R1 R2
SW2 4 AO SET GND 6 NC 7 5
ADP1110
NC
Figure 20. Step-Down Mode Operation
When the switch turns off, the magnetic field collapses. The polarity across the inductor changes, and the switch side of the inductor is driven below ground. Schottky diode D1 then turns on, and current flows into the load. Notice that the Absolute Maximum Rating for the ADP1110's SW2 pin is 0.5 V below ground. To avoid exceeding this limit, D1 must be a Schottky diode. Using a silicon diode in this application will generate forward voltages above 0.5 V that will cause potentially damaging power dissipation within the ADP1110. The output voltage of the buck regulator is fed back to the ADP1110's FB pin by resistors R1 and R2. When the voltage at pin FB falls below 220 mV, the internal power switch turns "on" again and the cycle repeats. The output voltage is set by the formula:
R1 V OUT = 220 mV * 1+ R2
Unlike the boost configuration, the ADP1110's internal power switch is not saturated when operating in step-down mode. A conservative value for the voltage across the switch in step-down mode is 1.5 V. This results in high power dissipation within the ADP1110 when high peak current is required. To increase the output current, an external PNP switch can be added (Figure 22). In this circuit, the ADP1110 provides base drive to Q1 through R3, while R4 ensures that Q1 turns off rapidly. Because the ADP1110's internal current limiting function will not work in this circuit, R5 is provided for this purpose. With the value shown, R5 limits current to 2 A. In addition to reducing power dissipation on the ADP1110, this circuit also reduces the switch voltage. When selecting an inductor value for the circuit of Figure 22, the switch voltage can be calculated from the formula:
V SW =V R5 +V Q1(SAT ) 0.6V + 0.4V 1V
0.3 INPUT CINPUT RLIM
1
R5
2
R4 220 MJE210 R3 330 SW1 3 R1 CL L1 OUTPUT
ILIM
VIN
ADP1110
FB 8 AO SET GND SW2
6 7 5 4
D1 1N5821
R2
NC
NC
When operating the ADP1110 in step-down mode, the output voltage is impressed across the internal power switch's emitter-
Figure 22. High Current Step-Down Operation
-10-
REV. 0
ADP1110
POSITIVE-TO-NEGATIVE CONVERSION LIMITING THE SWITCH CURRENT
The ADP1110 can convert a positive input voltage to a negative output voltage as shown in Figure 23. This circuit is essentially identical to the step-down application of Figure 19, except that the "output" side of the inductor is connected to power ground. When the ADP1110's internal power switch turns off, current flowing in the inductor forces the output (-VOUT) to a negative potential. The ADP1110 will continue to turn the switch on until its FB pin is 220 mV above its GND pin, so the output voltage is determined by the formula:
R1 V OUT = 220 mV * 1+ R2
INPUT RLIM
1 2 3
The ADP1110's RLIM pin permits the switch current to be limited with a single resistor. This current limiting action occurs on a pulse by pulse basis. This feature allows the input voltage to vary over a wide range without saturating the inductor or exceeding the maximum switch rating. For example, a particular design may require peak switch current of 800 mA with a 2.0 V input. If VIN rises to 4 V, however, the switch current will exceed 1.6 A. The ADP1110 limits switch current to 1.5 A and thereby protects the switch, but the output ripple will increase. Selecting the proper resistor will limit the switch current to 800 mA, even if VIN increases. The relationship between RLIM and maximum switch current is shown in Figure 6. The ILIM feature is also valuable for controlling inductor current when the ADP1110 goes into continuous-conduction mode. This occurs in the step-up mode when the following condition is met:
CINPUT
VIN
ILIM
SW1 SW2 4 FB 8 GND
5
L1 OUTPUT R1 CL NEGATIVE OUTPUT
ADP1110
AO
6
SET
7
V OUT +VD IODE 1 V -V < 1- DC IN SW
D1 1N5818
R2
NC
NC
Figure 23. A Positive-to-Negative Converter
The design criteria for the step-down application also apply to the positive-to-negative converter. The output voltage should be limited to |6.2 V| unless a diode is inserted in series with the SW2 pin (see Figure 21.) Also, D1 must again be a Schottky diode to prevent excessive power dissipation in the ADP1110.
NEGATIVE-TO-POSITIVE CONVERSION
where DC is the ADP1110's duty cycle. When this relationship exists, the inductor current does not go all the way to zero during the time that the switch is OFF. When the switch turns on for the next cycle, the inductor current begins to ramp up from the residual level. If the switch ON time remains constant, the inductor current will increase to a high level (see Figure 25). This increases output ripple and can require a larger inductor and capacitor. By controlling switch current with the ILIM resistor, output ripple current can be maintained at the design values. Figure 26 illustrates the action of the ILIM circuit.
The circuit of Figure 24 converts a negative input voltage to a positive output voltage. Operation of this circuit configuration is similar to the step-up topology of Figure 19, except the current through feedback resistor R1 is level-shifted below ground by a PNP transistor. The voltage across R1 is VOUT - VBEQ1. However, diode D2 level-shifts the base of Q1 about 0.6 V below ground thereby cancelling the VBE of Q1. The addition of D2 also reduces the circuit's output voltage sensitivity to temperature, which otherwise would be dominated by the -2 mV VBE contribution of Q1. The output voltage for this circuit is determined by the formula:
R1 V OUT = 220 mV * R2
100 90
200mA/div.
10 0%
10mV
10s
Figure 25. ILIM Operation--IL Characteristic
Unlike the positive step-up converter, the negative-to-positive converter's output voltage can be either higher or lower than the input voltage.
L1 RLIM
1 2
100 90
D1 R1 Q1 2N3906 10K CL D2 1N4148 POSITIVE OUTPUT
200mA/div.
10 0%
ILIM CINPUT
VIN
SW1 3
10mV
10s
ADP1110
FB 8 AO SET GND SW2
6 7 5 4
R2
Figure 26. ILIM Operation--IL Characteristic
NEGATIVE INPUT
NC
NC
Figure 24. A Negative-to-Positive Converter
REV. 0
-11-
ADP1110
The internal structure of the ILIM circuit is shown in Figure 27. Q1 is the ADP1110's internal power switch, that is paralleled by sense transistor Q2. The relative sizes of Q1 and Q2 are scaled so that IQ2 is 0.5% of IQ1. Current flows to Q2 through an internal 80 resistor and through the RLIM resistor. These two resistors parallel the base-emitter junction of the oscillatordisable transistor, Q3. When the voltage across R1 and RLIM exceeds 0.6 V, Q3 turns on and terminates the output pulse. If only the 80 internal resistor is used (i.e., the ILIM pin is connected directly to VIN), the maximum switch current will be 1.5 A. Figure 6 gives RLIM values for lower current-limit values.
RLIM (EXTERNAL) VIN VIN R1 Q3 ILIM 80 (INTERNAL) IQ1 DRIVER 72kHz OSC 200 Q2
VLOGIC RL
ADP1110
VBAT R1 220V VREF SET R2 33k GND AO
RHYS
Figure 28. Setting the Low Battery Detector Trip Point
ADP1110
SW1
Q1 POWER SWITCH
The circuit of Figure 28 may produce multiple pulses when approaching the trip point due to noise coupled into the SET input. To prevent multiple interrupts to the digital logic, hysteresis can be added to the circuit. Resistor RHYS, with a value of 1 M to 10 M, provides the hysteresis. The addition of RHYS will change the trip point slightly, so the new value for R1 will be:
R1= V LOBATT - 220 mV 220 mV V L - 220 mV - R2 RL + RHYS
SW2
Figure 27. ADP1110 Current Limit Operation
The delay through the current limiting circuit is approximately 800 ns. If the switch ON time is reduced to less than 3 s, accuracy of the current trip-point is reduced. Attempting to program a switch ON time of 800 ns or less will produce spurious responses in the switch ON time; however, the ADP1110 will still provide a properly-regulated output voltage.
PROGRAMMING THE GAIN BLOCK
where VL is the logic power supply voltage, RL is the pull-up resistor, and RHYS creates the hysteresis. The gain block can also be used as a control element to reduce output ripple. The ADP3000 is normally recommended for lowripple applications, but its minimum input voltage is 2 V. The gain-block technique using the ADP1110 can be useful for stepup converters operating down to 1 V. A step-up converter using this technique is shown in Figure 29. This configuration uses the gain block to sense the output voltage and control the comparator. The result is that the comparator hysteresis is reduced by the open loop gain of the gain block. Output ripple can be reduced to only a few millivolts with this technique, versus a typical value of 90 mV for a +5 V converter using just the comparator. For best results, a large output capacitor (1000 F or more) should be specified. This technique can also be used for step-down or inverting applications, but the ADP3000 is usually a more appropriate choice. See the ADP3000 data sheet for further details.
L1 INPUT CINPUT 10F 270k
1 2
The gain block of the ADP1110 can be used as a low-battery detector, error amplifier or linear post regulator. The gain block consists of an op amp with PNP inputs and an open-collector NPN output. The inverting input is internally connected to the ADP1110's 220 mV reference, while the noninverting input is available at the SET pin. The NPN output transistor will sink about 300 A. Figure 28 shows the gain block configured as a low-battery monitor. Resistors R1 and R2 should be set to high values to reduce quiescent current, but not so high that bias current in the SET input causes large errors. A value of 33 k for R2 is a good compromise. The value for R1 is then calculated from the formula:
- 220 mV V R1= LOBATT 220 mV R2
D1 OUTPUT 1N5818 R1 300k
15H CTX15-4 ILIM VIN
SW1 3
ADP1110
SET 7 AO FB GND SW2
6 8 5 4
where VLOBATT is the desired low battery trip point. Since the gain block output is an open-collector NPN, a pull-up resistor should be connected to the positive logic power supply.
R2 13.8k
CL 1000F
Figure 29. Using the Gain Block to Reduce Output Ripple
-12-
REV. 0
ADP1110
APPLICATION CIRCUITS All-Surface-Mount, Single-Cell to 5 V Converter 1.5 V to 5 V Dual-Output Step-Up Converter
This is a very simple, compact, low-part-count circuit that takes a single alkaline 1.5 V cell input and produces a 5 V output. The output current should be kept to 10 mA or less to conserve battery life.
L1 50H CTX50-4
1 2
This circuit works from a single 1.5 V cell and provides simultaneous outputs of +5 V and -5 V. The accuracy of the negative output suffers slightly because of the extra diode drop of around 0.4 V.
L16 8H
D1 1N5817 +5V 10mA ONE ALKALINE CELL 1.5V
1 2
CTX68-4 4.7F
ONE ALKALINE CELL 1.5V
ILIM
VIN SW1 3 +5V 3mA -5V 3mA 4.7F
ILIM
VIN
SW1 3
ADP1110-5
SENSE 8 AO SET GND SW2
6 7 5 4
ADP1110-5
SENSE 8 AO SET GND SW2
6 7 5 4
CL 15F
4.7F NC NC NOTE: ALL DIODES 1N5818
NC
NC
Figure 30. All-Surface-Mount, Single-Cell to 5 V Converter
All-Surface-Mount, 3 V to 5 V Step-Up Converter
Figure 33. 1.5 V to 5 V Dual-Output Step-Up Converter
All-Surface-Mount Flash Memory VPP Generator
Similar to the previous circuit, this circuit takes a 3-volt input and provides a 5 V output at 40 mA. As in the single-cell version, the circuit is compact and uses only four external components.
L1 220
1 2
D1 1N5817
50H CTX50-4 VIN
+5V 40mA
Figure 34 shows a circuit that can generate the programming voltage, VPP to program flash memory. The key components are the MOSFET and the bipolar transistor. These two devices form a switch that, when ON, allows the ADP1110 to power-up and function as a step-up converter. The output is +12 V at 120 mA. When the MOSFET switch is OFF, the output of the circuit drops to just under +5 V thereby disabling the programming capability. Care should be taken so there is no short-circuit-current limiting in the circuit in either operating mode.
TWO ALKALINE CELLS
ILIM 3V
SW1 3
ADP1110-5
SENSE 8 AO SET GND SW2
6 7 5 4
CL 10F
+5V MMBT4403 10k
L1 50H CTX50-4
D1 1N5818
NC
NC
VPP +12V 120mA
Figure 31. All-Surface-Mount, 3 V to 5 V Step-Up Converter
All-Surface-Mount, 9 V to 5 V Step-Down Converter
1
2
ILIM 1k
VIN
SW1 3
ADP1110-12
SENSE 8 AO SET GND SW2
6 7 5 4
Featuring the same low parts count of the step-up design, this circuit is the complement to the preceding one. The 220 resistor programs the current limit to around 600 mA.
RLIM 220 9V BATTERY
1 2 3
MMBF170 LOGIC1 = PROGRAM LOGIC0 = SHUTDOWN NC NC
CL 10F
ILIM
VIN
SW1 SW2 4
L1 50H CTX50-4
Figure 34. All Surface-Mount Flash Memory VPP Generator
+5V 40mA
ADP1110-5
SENSE 8 AO SET GND
6 7 5
D1 1N5817
CL 10F
NC NC
Figure 32. All-Surface-Mount, 9 V to 5 V Step-Down Converter
REV. 0
-13-
ADP1110
1.5 V to +5 V, +10 V Dual Output Step-Up Converter 1.5 V-Powered Laser Diode Driver
The circuit of Figure 35 illustrates a way to get outputs of +10 V and +5 V from the same converter. The main 5 V output is derived from the feedback provided by the 487 k and 11 k resistors. Capacitor C1 should be a multilayer ceramic variety for best performance, but a good quality tantalum capacitor will also give good performance at lower cost.
L1 50H 220
1 2
Figure 36 shows a circuit suitable for driving many laser diodes that incorporate a photodiode to monitor the laser diode current, this circuit makes use of the gain block and currentlimit functions to provide a feedback system based on the average laser diode current. This current must be controlled very closely or permanent damage to the laser diode is likely to be the result. To ensure that the laser is operating at the proper power level, the actual optical power from the laser should be monitored with a calibrated photodiode or optical power meter. In addition, the actual diode current should also be monitored, and R1 can be adjusted to give the correct output power. NOTES 1. All inductors referenced are Coiltronics CTX-series except where noted. 2. If the source of power is more than an inch or so from the converter, the input to the converter should be bypassed with approximately 10 F of capacitance. This capacitor should be a good quality tantalum or aluminum electrolytic.
TOSHIBA TOLD-9321
D1 +10V 3mA 487k
CTX50-4
ONE ALKALINE CELL 1.5V
ILIM
VIN SW1 3 D3
D2
ADP1110
FB 8 AO SET GND SW2
6 7 5 4
+5V 3mA 4.7F 11k 4.7F
NC
NC NOTE: ALL DIODES 1N5818
Figure 35. 1.5 V to +5 V, +10 V Dual Output Step-Up Converter
0.022F
5.1k 2N3906
1 2
220
1F 100F OS-Con MJE210 1N5818 2
1k 1N4148 1.5V
ILIM
VIN
10 SW1 3
ADP1110
AO
6
FB
8
SET 7 GND SW2
5 4
1k
2.2H
Figure 36. 1.5 V-Powered Laser Diode Driver
-14-
REV. 0
ADP1110
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP (N-8)
0.430 (10.92) 0.348 (8.84)
8 5
0.280 (7.11) 0.240 (6.10)
1 4
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93)
0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN SEATING PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.022 (0.558) 0.100 0.070 (1.77) 0.014 (0.356) (2.54) 0.045 (1.15) BSC
0.015 (0.381) 0.008 (0.204)
8-Lead SOIC (SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 1 5 4
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 0.0192 (0.49) (1.27) 0.0138 (0.35) BSC
0.0098 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
REV. 0
-15-
-16-
C2212-12-10/96
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of ADP1110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X